PART |
Description |
Maker |
TC514400JL TC51440JL-10 TC51440JL-80 TC51440ZL-10 |
80 ns, 4-bit generation dynamic RAM 1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器 100 ns, 4-bit generation dynamic RAM
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
MC68EC030 |
Second-Generation 32-Bit Enhanced Embedded Controller
|
Motorola
|
CS5165 CS5165GDW16 CS5165GDWR16 |
1.5 A SWITCHING CONTROLLER, PDSO16 Fast/ Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
ADSP-21262S |
ADSP-21262S 3rd Generation Low Cost 32-Bit Floating-Point SHARC DSP
|
Analog Devices
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
MC100LVEL38 MC100LVEL38DW MC100EL38 MC100EL38DW ON |
, /6 Clock Generation Chip 2, 4/6 Clock Generation Chip From old datasheet system ±2, ±4/6 Clock Generation Chip
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
APT100GF60JRD |
The Fast IGBTis a new generation of high voltage power IGBTs. ⑩的快速IGBT是一种高压IGBT的新一代 The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Fast IGBT & FRED 600V 140A
|
Advanced Power Technology, Ltd. ADPOW[Advanced Power Technology]
|
APT8GT60KR |
The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 17A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
|
ADPOW[Advanced Power Technology] Advanced Power Technology Ltd.
|
APT20GT60KR |
The Thunderbolt IGBT is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 40A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBTis a new generation of high voltage power IGBTs.
|
Advanced Power Technology Ltd.
|
IRG4RC10UPBF IRG4RC10UTRPBF IRG4RC10UPBF-15 |
INSULATED GATE BIPOLAR TRANSISTOR Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|