PART |
Description |
Maker |
MC68HC705B16CFN MC68HC705B16CFU MC68HC705B16FN MC6 |
8-bit single chip microcomputer, 16K bytes EPROM, increased RAM, self-check replaced by bootstrap firmware, modified power-on reset routine 8-bit single chip microcomputer, 6K bytes EPROM, self-check replaced by bootstrap firmware, no EEPROM
|
Motorola
|
CXP50100 CXP50116 |
CMOS 4-bit 1Chip Microcomputer(EPROM equipped) CMOS 4-BIT 1 CHIP MICROCOMPUTER
|
SONY[Sony Corporation]
|
MC68701U4 |
8-Bit EPROM Microcomputer
|
Motorola
|
MC68705R3 MC68705R3CFN MC68705R3CP MC68705R3CS MC6 |
8-Bit EPROM Microcontroller Unit
|
MOTOROLA[Motorola, Inc]
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
LC66PG5XX |
EPROM-Mountable Type 4-bit Microcomputer Evaluation Chip for The LC665XX Series Microcomputers
|
Sanyo Semicon Device
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
ST72T94 |
8-Bit HCMOS MCU With 6K EPROM, EEPROM And 16-Bit Timer With Input Capture And Output Compare(6K EPROM,EEPROM和具有输入获取和输出比较6位定时器HCMOS微控制器) 8位HCMOS微控制器6k的存储器,EEPROM6位输入捕捉和输出比较(带6k的存储器,EEPROM的和具有输入获取和输出比较的16位定时器位微控制器定时器HCMOS
|
STMicroelectronics N.V.
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
M27V101 M27V101-100B1TR M27V101-100B6TR M27V101-10 |
1-Bit to 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-TVSOP -40 to 85 1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
DS25LV02 DS25LV02RU DS25LV02R DS25LV02RR DS25LV02R |
Low-Voltage 1024-Bit EPROM 1024-Bit EPROM Operates Down to 2.2V and is Backwards-Compatible with the DS2502
|
MAXIX MAXIM[Maxim Integrated Products]
|