PART |
Description |
Maker |
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC3403 MC3403P MC3303 MC3403D ON1084 MC3303D MC330 |
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS QUAD OP-AMP, 10000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP14 Battery-Backup Supervisors for RAM Retention 8-MSOP -40 to 85 From old datasheet system
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
MC100EP105 |
3.3V / 5VECL Quad 2-Input Differential AND/NAND
|
ON Semiconductor
|
LM2902VD LM2902V LM2902 LM324A LM324 LM224 LM324AD |
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS From old datasheet system Advanced LinCMOS(TM) Low-Noise Chopper-Stabilized Operational Amplifier 8-PDIP Quad Low Power operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
ON Semi MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc.
|
HD74LVC00 |
9-Channel Differential Transceiver 56-TSSOP Quad. 2-input NAND Gates
|
Hitachi,Ltd. Hitachi Semiconductor
|
SN74LS01D 74LS01 SN74LS01N SN54LS01 SN54LS01J |
Quadruple Differential Line Receiver 16-PDIP 0 to 70 LS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|