PART |
Description |
Maker |
MC145220EVK MC145220 |
MC145220 Evaluation Board Manual
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
U123P U3089M U3079M U427BFP U3082M U2097B U3084M |
TRANSIL 3 stages RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E RF power amplifier using 1 x PD55035S N-channel enhancement-mode lateral MOSFETs Interface IC Evaluation board using PD84002 for UHF RFID reader 接口IC Trisil" for telecom equipment protection 接口IC Evaluation board using PD84006L-E for 900 MHz 2-way radio
|
Jameco Electronics SIEMENS AG
|
AKD4551 AK4551 AKD4551AKD4551 AKD4551.AKD4551 |
EVALUATION BOARD REV.C FOR AK4551 EVALUATION BOARD REV.C FOR AK4551 Evaluation board Rev.C for AKD4551
|
AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd
|
EVALSPEAR320PLC |
SPEAr320 evaluation board for PLC applications Evaluation board for SPEAr320 embedded MPU
|
ST Microelectronics STMicroelectronics
|
ES51961 |
3 3/4 MANU DMM
|
List of Unclassifed Manufacturers ETC
|
STR710-EVAL STR71XF |
Evaluation Board for STR71xF Evaluation Board for STR71xF
|
STMicroelectronics
|
AOZ1210-EVA |
EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
Alpha & Omega Semiconductors
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
IRDC3710-QFN |
USER GUIDE FOR IRDC3710-QFN EVALUATION BOARD USER GUIDE FOR IRDC3710-QFN EVALUATION BOARD
|
International Rectifier
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|