PART |
Description |
Maker |
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5304 AD5304BRM AD5324 AD5314BRM AD5324BRM AD5314 |
2.5 V to 5.5 V, 500 uA, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead microSOIC SERIAL INPUT LOADING, 7 us SETTLING TIME, 10-BIT DAC, PDSO10 2.5 V to 5.5 V/ 500 uA/ Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead microSOIC 2.5Vto5.5V.500uA.QuadVoltageOutput8-/10-/12-BitDACsin10-LeadmicroSOIC..
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7804BRZ-REEL AD7804BNZ ANALOGDEVICESINC-AD7805BR |
SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO16 SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP16 PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO28 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad/Octal 10-Bit DACs
|
ANALOG DEVICES INC
|
28C64AFT-25/SO 28C64AT-25/SO 28C64AFT-25I/SO 28C64 |
32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
MAX5109EEE-T |
Nonvolatile, Dual, 8-Bit DACs with 2-Wire Serial Interface SERIAL INPUT LOADING, 8 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
SMP9410N SMP9410 SMP9410F |
Quad 10-Bit Nonvolatile DACPOT
|
ETC[ETC]
|
AD7399BRU AD7398BR-REEL AD7398BRZ AD7398BRZ-REEL7 |
Quad, Serial-Input 10-Bit DAC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO16 Quad, Serial-Input 12-Bit/10-Bit DACs
|
Analog Devices, Inc.
|
MAX509-MAX510 MAX510 MAX510ACPE MAX510ACWE MAX510A |
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs Quad Serial 8-Bit DACs with Rail-to-Rail Outputs From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
LTC2655BIGN-H16PBF LTC2655BIGN-L16PBF LTC2655CGN-H |
Quad I虏C 16-/12-Bit Rail-to-Rail DACs with 10ppm/掳C Max Reference Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology http://
|
LTC2634HUD-LZ8TRPBF LTC2634CMSE-LMI8TRPBF LTC2634I |
LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: QFN; Number of Pins: 16; Temperature Range: –40°C to 125°C SERIAL INPUT LOADING, 3.3 us SETTLING TIME, 8-BIT DAC, PQCC16 LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: MSOP; Number of Pins: 10; Temperature Range: 0°C to 70°C LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: QFN; Number of Pins: 16; Temperature Range: –40°C to 85°C LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: QFN; Number of Pins: 16; Temperature Range: 0°C to 70°C LTC2634-10 - Quad 10-Bit Rail-to-Rail DACs with 10ppm/°C Reference; Package: MSOP; Number of Pins: 10; Temperature Range: –40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2755 |
Quad Current Output 12-/14-/16-Bit SoftSpan DACs
|
Linear Technology
|
LTC2755BCUP-16PBF |
Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|