PART |
Description |
Maker |
MAX4691-MAX4694 MAX4693EBE-T MAX4694EBE-T MAX4693E |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package TRIPLE 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC16 Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PBGA16
|
Maxim Integrated Produc... 多路复用及模拟开 Maxim Integrated Products, Inc.
|
PI5A4213 PI5A4213GAE |
Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
|
Pericom Semiconductor Corporation
|
MAX398 MAX398CPE MAX398CSE MAX398EJE MAX398EPE MAX |
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers DUAL 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 DC to 4-GBPS Dual 1:2 MUX/Repeater/Equalizer 48-VQFN -40 to 85 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 Precision / 8-Channel/Dual 4-Channel / Low-Voltage / CMOS Analog Multiplexers
|
MAXIM - Dallas Semiconductor Alliance Semiconductor, Corp. Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADG774ABCPZ-REEL ADG774ABRQ ADG774ABRQ-REEL ADG774 |
Low Voltage 400 Mhz Quad 2:1 MUX with 3 nS Switching Time; Package: LFCSP:LEADFRM CHIP SCALE; No of Pins: 16; Temperature Range: Industrial QUAD 2-CHANNEL, SGL ENDED MULTIPLEXER, QCC16 Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time Low Voltage 400 Mhz Quad 2:1 MUX with 3 nS Switching Time; Package: QSOP; No of Pins: 16; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PI5A3158B PI5A3158BZAEX |
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
|
Pericom Semiconductor C...
|
SY54017R SY54017RMGTR |
Low Voltage 1.2V/1.8V CML 2:1 MUX with Fail Safe Inputs, 3.2Gbps, 2.5GHz
|
Micrel Semiconductor
|
OM3909SC OM3901SC OM3902SC OM3903SC OM3904SC OM390 |
Hi-Rel Fixed Voltage Dual Regulator DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压双调 Dual Output Voltages, 1.5 Amp Fixed Voltage Regulators(双输出电( 15V,-12V) 1.5A固定稳压 双输出电压,1.5安培固定稳压器(双输出电压(15V的,- 12V的)1.5A的固定稳压器
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers International Rectifier, Corp.
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
NTE943SM NTE943 NTE943M |
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator Integrated Circuit Low Power Low Offset Dual Voltage Comparator Integrated Circuit Low Power / Low Offset / Dual Voltage Comparator DUAL COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
15IWR2-15T 5IWR1-12-1515T 5IWR1-12-1515N 12IWR1-05 |
Analog IC Precision Shunt Regulators with Reset in SOT23-3 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators UniqueWare Add-Only Memory 3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 模拟IC Low Voltage 1024-Bit EPROM 模拟IC
|
Coilcraft, Inc. CTS, Corp.
|