PART |
Description |
Maker |
MAX3266 MAX3266CSA MAX3266-MAX3267 MAX3267CSA MAX3 |
32-Bit Digital Signal Controller with Flash 100-LQFP -40 to 85 1.25Gbps/2.5Gbps / 3V to 5.5V / Low-Noise Transimpedance Preamplifiers for LANs 1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
FTM-5012S-G50G |
1.0625?.25Gbps GBIC Transceiver
|
Source Photonics, Inc.
|
SY88147DL07 |
3.3V, 1.25Gbps PECL Limiting Post
|
Micrel Semiconductor
|
P5H6RS3727 |
1.25Gbps MM Optical Transceiver Module
|
List of Unclassifed Manufacturers ETC[ETC]
|
SP-GB-ZX-CDFC |
1.25Gbps bi-directional data links
|
Source Photonics, Inc.
|
MAX3297 MAX3287 |
" 3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers"
|
Maxim
|
SP-GB-LX-XDFN |
Dual data-rate 1.25Gbps/1.0625Gbps
|
Source Photonics, Inc.
|
KLT-255444 |
1550nm InGaAsP strained MQW 1.25Gbps DFB LD TO CAN
|
KODENSHI KOREA CORP.
|
SY88903V07 |
5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
|
Micrel Semiconductor
|
T-11-1250-D3-SSCG5 T-11-1250-D3-SLC T-11-1250-D3-S |
1.25Gbps PIN-TIA Receiver Modules-ROSA (3.3V)
|
Source Photonics, Inc.
|
FTM-9312S-G40G FTM-9512S-G10G FTM-9512S-G40G FTM-9 |
1.25Gbps Single Fiber Bi-directional GBIC Transceiver
|
Source Photonics, Inc.
|