PART |
Description |
Maker |
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
KX020N06 |
VDS (V) = 60V ID = 2 A (VGS = 10V) RDS(ON) 200m (VGS = 10V)
|
TY Semiconductor Co., L...
|
BB-B3171-C BB-B5171-C BB-B5174 BB-B6174 BB-B6171-C |
Yellow, 3V-10V, Blinking LED lamp (round type) Bright red, 3V-10V, Blinking LED lamp (round type) Super red, 3V-10V, Blinking LED lamp (round type) Green, 3V-10V, Blinking LED lamp (round type) Orange., 3V-10V, Blinking LED lamp (round type) Hi-eff red, 3V-10V, Blinking LED lamp (round type)
|
Yellow Stone Corp
|
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LT1630IS8 LT1630IS8PBF LT1630IS8TRPBF LT1631CSPBF |
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C 30MHz, 10V/渭s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/μs, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1250 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO8 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1250 uV OFFSET-MAX, 28 MHz BAND WIDTH, PDSO14
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
EVAL-AD7707EB |
Evaluation Board for the AD7707 3V/5V, /-10V Input Range, 1mW, 3Channel, 16-Bit, Sigma Delta ADC
|
AD[Analog Devices]
|
KO3400 AO3400 |
VDS (V) = 30V ID= 5.8 A (VGS = 10V) RDS(ON) 28m (VGS = 10V) RDS(ON) 33m (VGS = 4.5V)
|
TY Semiconductor Co., Ltd
|
IRF7831PBF IRF7831TRPBF IRF7831PBF-15 |
Ultra-Low Gate Impedance HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6mΩ@VGS = 10V , Qg(typ.) = 40nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6mヘ@VGS = 10V , Qg(typ.) = 40nC ) High Frequency Point-of-Load Synchronous Buck Converter
|
International Rectifier
|
GCM188C71A105K |
Chip Monolithic Ceramic Capacitor 0603 X7S 1μF 10V Chip Monolithic Ceramic Capacitor 0603 X7S 1レF 10V
|
Murata Manufacturing Co., Ltd.
|
GCM21BC71A475K |
Chip Monolithic Ceramic Capacitor 0805 X7S 4.7μF 10V Chip Monolithic Ceramic Capacitor 0805 X7S 4.7レF 10V
|
Murata Manufacturing Co., Ltd.
|
GRM219R61A225K |
Chip Monolithic Ceramic Capacitor 0805 X5R 2.2μF 10V Chip Monolithic Ceramic Capacitor 0805 X5R 2.2レF 10V
|
Murata Manufacturing Co., Ltd.
|
|