PART |
Description |
Maker |
LTC1864IS8-PBF LTC1864IS8-TRPBF LTC1865IMS-PBF LTC |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C μPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP 楼矛Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
LINEAR TECHNOLOGY CORP http://
|
LTC1864IS8 LTC1864AIS8 LTC1864AIMS8 LTC1865ACMS LT |
楼矛Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP 渭Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP μPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
MAX1061 MAX1063 |
" 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor
|
MAX1293XSEVKIT |
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor
|
AD7581 AD7581AQ AD7581BQ AD7581CQ AD7581JN AD7581K |
12-Bit 50 kSPS ADC I2C Low Power 8-Channel MUX Int 2.5V Ref 16-TSSOP -40 to 85 5.25V-2.7V, 8 bit, 250KSPS, Synchronous Serial ADC 8-SON -40 to 85 CMOS uP-COMPATIBLE 8-BIT/ 8-CHANNEL DAS CMOS uP-COMPATIBLE 8-BIT, 8-CHANNEL DAS CMOS uP-COMPATIBLE 8-BIT 8-CHANNEL DAS
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX1093ACEG MAX1093AEEG MAX1093AEEGT MAX1093AEEG-T |
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc.
|
LTC1606 LTC1606AIG LTC1606C LTC1606ACG LTC1606I LT |
16-BIT, 250KSPS, SINGLE SUPPLY ADC 16-Bit 250ksps Single Supply ADC 16-Bit/ 250ksps/ Single Supply ADC
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1606 |
16-Bit, 250ksps,Single Supply ADC
|
Linear Technology
|
ISL26320 ISL26321 ISL26324 ISL26325 ISL26323 |
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
|
Intersil Corporation
|
5962-8984301CX 5962-8958701UA 5962-8958701YA |
Serial Output, 250ksps, 12-Bit ADC with Track/Hold and Reference 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 积极的固定电压稳压器
|
International Rectifier, Corp.
|
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|