PART |
Description |
Maker |
M27C202-100B1TR M27C202-100B3TR M27C202-100B6TR M2 |
From old datasheet system 2 Mbit (128Kb x16) UV EPROM and OTP EPROM CAP .18UF 400V POLYPROPYLENE RES 200-OHM 5% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 2 Mbit 128Kb x16 UV EPROM and OTP EPROM 2兆位存储28KB的x16紫外线和OTP存储 8-Pin SOIC Dual-Channel Low Current High Gain Split Darlington Output Optocoupler 2兆位存储28KB的x16紫外线和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. HIROSE ELECTRIC Co., Ltd.
|
M27C400 6674 M27C400-80XF6TR M27C400-100B1TR M27C4 |
AML42 Series, Solid State Indicator, Square, Compact Style, Lighted, 1 LED, Snap in panel mount 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16紫外线存储器和OTP存储 4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM From old datasheet system
|
Advanced Micro Devices, Inc. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
27C801 M27C801 M27C801-100B1TR M27C801-100B1X M27C |
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
|
STMICROELECTRONICS [STMicroelectronics] ST Microelectronics
|
M36W108 M36W108B M36W108B100ZM1T M36W108B100ZM5T M |
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M48T129 M48T129V M48T129V-70CS1 M48T129V-70PM1 M48 |
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M27V160-120B1 M27V160-120B6 M27V160-120F1 M27V160- |
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics
|
M27V402 |
NND - 4 MBIT (256KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27V160-100K1 |
16 MBIT (2MB X8 OR 1MB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27C4002-70N1X M27C4002-70N1TR M27C4002-70XJ1X M27 |
4 Mbit (256Kb x16) UV EPROM and OTP EPROM 4兆位56Kb的16)紫外线存储器和OTP存储
|
意法半导 STMicroelectronics N.V.
|