PART |
Description |
Maker |
AD621 AD621S AD621AR AD621ACHIPS AD621AN |
& 2kVDC Isolation; UL94V-0 Package Material; Optional Continuous Short Circuit Protected; Fully Encapsulated; Custom Solutions Available; Efficiency Low Drift/ Low Power Instrumentation Amplifier Low Drift, Low Power Instrumentation Amplifier 低漂移,低功耗仪表放大器
|
Analog Devices, Inc.
|
LXT305A |
Integrated T1/E1 Short-Haul Transceiver wtih Transmit JA
|
Level One
|
HM2010 HM2010M HM2010D |
3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
|
Shenzhen Huazhimei Semi...
|
BAT64 BAT64-04 BAT64-05 BAT64-06 Q62702-A961 Q6270 |
Silicon Schottky Diodes (For low-loss/ fast-recovery/ meter protection/ bias isolation and clamping applications Integrated diffused guard ring) Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring) Silicon Schottky Diodes (For low-loss fast-recovery meter protection bias isolation and clamping applications Integrated diffused guard ring) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
R5F1076CGSP R5F1076CMSP R5F107ACGSP R5F107ACMSP R5 |
True Low Power Platform Ultra-Low Power Technology Integrated USB Controller, True Low Power Platform
|
Renesas Electronics Corporation
|
2SK48 3SK28 2SK72 |
TRANSISTOR | JFET | N-CHANNEL | 300UA I(DSS) | TO-17 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|场效应| N沟道|双| 600UA我(直)|71
|
PHOENIX CONTACT Deutschland GmbH
|
IDT79R3041 IDT79R3041-16 IDT79R3041-20 IDT79R3041- |
32-bit Low-Cost CPU. **NOT RECOMMENDED FOR NEW DESIGNS** INTEGRATED RISController FOR LOW-COST SYSTEMS INTEGRATED RISController? INTEGRATED RISController⑩ FOR LOW-COST SYSTEMS
|
IDT[Integrated Device Technology]
|
2SK2006 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset HVX Series Power MOSFET 900 Volts 5 Amp Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset
|
Shindengen Electric Mfg. Co., Ltd.
|
2SC2335Y 2SD288O 2SC2335R 2SD288Y 2SD288R 2SD880GR |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220AB TRANSISTOR | BJT | NPN | 55V V(BR)CEO | 3A I(C) | TO-220AB Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|20
|
Wing Shing Electronics Co., (H.K.) Ltd.
|
2SK303 2SK303-5 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Frequency General-Purpose Amp Applications
|
Matsshita / Panasonic SANYO[Sanyo Semicon Device]
|
2SK2218 2SK2218-5 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-Frequency Low-Noise Amp Applications
|
Sanyo Semicon Device
|