PART |
Description |
Maker |
LT3011IMSEPBF |
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology
|
HEDM-6505U05 HEDS-6510010 HEDM-6505T05 HEDM-6505T0 |
64LED 16 keys User Interface LED driver, I²C Interface; QSOP-24 2 A, Low VIN Dropout, Linear Regulator; 1.1V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.5V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.2V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 1.8V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 0.75 V; 16-Lead LFCSP_VQ; -40°C to 125°C 2 A, Low VIN Dropout, Linear Regulator; 2.5V; 16-Lead LFCSP_VQ; -40°C to 125°C Large Diameter (56mm). Housed Two and Three Channel Optical Encoders 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 3x86 大口径(五六毫米)。外套二及中三通道光学编码 2 A, Low Dropout, CMOS Linear Regulator;2 A, Low Dropout, CMOS Linear Regulator 大口径(五六毫米)。外套二及中三通道光学编码 Miniature Cold Cathode Fluorescent Lamp, 2.0x228
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Atmel, Corp.
|
LT3014HVES5TRM LT3014HVEDDTRPBF LT3014EDDPBF LT301 |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3013MPFEPBF LT3013MPFETRPBF LT1962 LT1776 LT1963 |
1.24 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.62 V DROPOUT, PDSO16 4.40 MM, LEAD FREE, PLASTIC, TSSOP-16 250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology, Corp.
|
MIC69101 |
Single Supply VIN / LOW VIN / LOW VOUT / 1A LDO
|
MICREL
|
LT3011 |
3V to 80V Low Dropout Micropower Linear Regulator
|
Linear Technology
|
LTBMF LTBRS LBRT LBMG LT3014 LT3014EDD LT3014ES5 L |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
|
LINER[Linear Technology]
|
LTCHK LTCHN LT3014BHVES5 LCHM LCHP LT3014B LT3014B |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
|
LINER[Linear Technology]
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|
LT3013HFE LT3013EFE LT3013EDE |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology
|
LT3013B LT3013BEFE LT3013BEDE |
From old datasheet system 250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology Corporation
|