PART |
Description |
Maker |
LT1180A LT1180AC LT1180ACN LT1180ACSW LT1180AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors From old datasheet system
|
LINER[Linear Technology]
|
TSSOPSP3220ECY/TR WSOICSP3220ECT/TR SSOPSP3220ECA/ |
3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Sipex Corporation
|
LT1081INPBF |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
UPD4715A UPD4715ACY UPD4715AGT |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 RS-232 LINE DRIVER/RECEIVER
|
NEC, Corp. NEC[NEC]
|
SP3220EB SP3220EBCA SP3220EBCT SP3220EBCY SP3220EB |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
|
SIPEX[Sipex Corporation]
|
LT1780 LT1781 LT1780CSWTRPBF |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX506ACPP MAX506ACWP MAX506AEPP MAX506AEWP MAX506 |
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Quad, 8-Bit DAC with Rail-to-Rail Outputs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
UPD4724GS-GJG UPD4724 UPD4724GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
LTC1338INW |
5V Low Power RS232 5-Driver/3-Receiver Transceiver
|
Linear Technology
|