PART |
Description |
Maker |
OP421HY OP421BY OP-421BY OP421GY OP-421 OP-421HP O |
QUAD LOW-POWER OPERATIONAL AMPLFIFIER SINGLE OR DUAL SUPPLY Quad Low-Power Operational Amplifier Single or Dual Supply QUAD LOW-POWER OPERATIONAL AMPLFIFIER / SINGLE OR DUAL SUPPLY QUAD LOW-POWER OPERATIONAL AMPLFIFIER, SINGLE OR DUAL SUPPLY 四低功耗运算AMPLFIFIER,单或双电源 Quad Low-Power Operational Amplifier, Single or Dual Supply 四低功耗运算放大器,单或双电源
|
AD[Analog Devices] Calogic, LLC Maxim Integrated Products, Inc.
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
LT1493CS LT1492 LT1492CN8 LT1492CS8 LT1493 14923F |
From old datasheet system 5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps 5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
|
LINER[Linear Technology]
|
MAX6384LT18D2T MAX6383LT27D4T MAX6383LT25D4T MAX63 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, DSO6 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD853108 AD8532ARM-R2 AD8532ARM-REEL AD8532ARMZ-R2 |
Low Cost, 250 mA Output, Single-Supply Amplifiers Dual, Low Cost, 250 mA Output, Single-Supply Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
http:// Analog Devices, Inc.
|
LM393 LM2903N LM393D |
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
|
ON Semiconductor
|
TSM923C TSM924C TSM924E |
Ultra-Low-Power, Single/Dual-Supply Comparators
|
Silicon Laboratories
|
NJM2132 NJM2132D NJM2132L NJM2132M NJM2132V |
SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
|
NJRC[New Japan Radio]
|