PART |
Description |
Maker |
LC78632 LC78632RE |
16-bit fixed point DSP with Flash CMOS LSI Compact Disk Player DSP
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MB86330 |
16-bit Fixed-point DSP
|
Fujitsu
|
ADSP-21990BBC |
16-bit fixed point DSP with Flash
|
Analog Devices, Inc.
|
LC78631 LC78631E |
16-bit fixed point DSP with Flash
|
Sanyo Electric Co.,Ltd.
|
LC78630E |
16-bit fixed point DSP with Flash
|
Sanyo Electric Co.,Ltd.
|
ADSP219212MKST160X |
16-bit Fixed-Point DSP For Multichannel Applications
|
Analog Devices
|
DSP56300 DSP56301CE2K30A DSP56303 DSP56302 |
DSP56301 Digital Signal Processor 16-bit fixed point DSP with Flash
|
Motorola Inc Motorola, Inc.
|
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADSP-21160MKB-80 |
SHARC, 80 MHz, 600 MFLOPS, 3.3v I/O, 2.5v core, floating point DSP Microcomputer 64-BIT, 80 MHz, OTHER DSP, PBGA400
|
Analog Devices, Inc.
|
DSP96002 DSP96002FE60 DSP96002RC40 DSP96002FE40 |
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR 32-BIT, 40 MHz, OTHER DSP, CQFP240 32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR 32-BIT, 40 MHz, OTHER DSP, CPGA223
|
Motorola Inc Motorola Mobility Holdings, Inc.
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
CS4953XX08 CS495303-CVZ CS495303-DVZ CS495313-CQZ |
Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Package/Case:144-LQFP; Leaded Process Compatible:Yes; MIPS:200; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP144 Audio DSP IC; Series:CS49500; DSP Type:Floating Point; Supply Voltage Max:3.3V; Package/Case:144-LQFP; Leaded Process Compatible:Yes; MIPS:200; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes COLOR SIGNAL DECODER, PQFP128 32-bit Audio Decoder DSP Family
|
CIRRUS LOGIC INC Cirrus Logic, Inc.
|
|