PART |
Description |
Maker |
APW7037KC-TR APW7037KC-TRL APW7037KC-TU APW7037KC- |
8-PIN Synchronous Buck PWM Controller
|
Anpec Electronics Corop... ANPEC[Anpec Electronics Coropration]
|
IRU3039CH IRU3039 IRU3039CHTR |
Synchronous PWM Controller with Over Current Protection in a 20-Pin MLPQ package
|
IRF[International Rectifier]
|
APW7120 APW7120KE-TU APW7120KE-TR APW7120KE-TRL AP |
5V TO 12V SUPPLY VOLTAGE, 8-PIN, SYNCHRONOUS BUCK PWM CONTROLLER
|
Anpec Electronics Coropration
|
EVB-EN5395QI |
9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
|
Altera Corporation
|
IRU3072CHTR |
Synchronous PWM Controller plus 3 LDO Controller for Multi-Output Applications in a 20-Pin MLPQ package
|
International Rectifier
|
IRU3034CW |
8 Pin PWM Switcher CIC with Current Limiting in a 8-Pin SOIC(NB) package
|
International Rectifier
|
AIC1573 AIC1573CS |
5-bit DAC/ Synchronous PWM Power Regulator with Simple PWM Power Regulator/ LDO And Linear Controller
|
Analog Intergrations Corporation
|
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|
ISL6520AIBZ ISL6520ACRZ ISL6520ACBZ ISL6520AIRZ IS |
Single Synchronous Buck Pulse-Width Modulation PWM Controller Single Synchronous Buck Pulse-Width Modulation (PWM) controller ISL6520A; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil Corporation Intersil, Corp.
|
LTC1612 LT1612EMS8 LT1612ES8 LT1612 1612I |
Synchronous, Step-Down 800kHz PWM DC/DC Converter From old datasheet system Synchronous/ Step-Down 800kHz PWM DC/DC Converter
|
LINER[Linear Technology] Linear Technology Corporation
|