PART |
Description |
Maker |
LC5512MB-45F208C LC5768MB-45F208C LC5512MB-45F208I |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD?/a> Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD?Family
|
Lattice Semiconductor http://
|
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
384206 |
Male Con.C/2 32 solder
|
ERNI Electronics
|
OS-CON20SVP150M |
OS-CON SVP series
|
SANYO
|
20SVP68M |
OS-CON 20SVP68M OS-CON20SVP68M
|
SanyoSemiconDevice
|
189-007B11G4 189-007N13T4 189-007NH11S10 189-007M1 |
Fiber-Con Backshell
|
Glenair, Inc. http://
|
TMPR4956C |
64-Bit TX System RISC TX49 Family
|
Toshiba Semiconductor
|
TMPR4937XBG-333 TMPR4937XBG-300 TMPR4937 |
64-Bit TX System RISC TX49 Family
|
Toshiba Semiconductor
|
M68302FADS |
MC68302 Family Application Development System
|
Motorola Inc Motorola, Inc
|
TMP1942CZUE TMP1942CYUE |
32bit TX System RISC TX19 family
|
Toshiba Semiconductor
|
B1215RU B1211RU B1205RU |
Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters 超宽输入12瓦单
|
Electronic Theatre Controls, Inc.
|
MFSR156-XX |
MAS-CON IDC Connectors
|
ITW Pancon
|