PART |
Description |
Maker |
IR2105 IR2105S |
Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-lead SOIC package Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-pin DIP package High Voltage, High Speed Power MOSFET and IGBT Driver
|
IRF[International Rectifier]
|
L6398 L6398D L6398DTR |
SmartDRIVE HV Half Bridge driver High voltage high and low side driver
|
ST Microelectronics STMicroelectronics
|
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
PD25 PD26 PD24 PS56 PS85 PS88 PS58 PS87 PS560 PS58 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead PDIP 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free 28-Lead SOIC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged Half Bridge Driver, SoftTurn-On, Low Side Inverting Input, Separate High and Low Side Input, 500ns Deadtime in a 8-pin DIP package; A IR2183 packaged 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21363 packaged in a Lead-Free 28-Lead SOIC 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR21367 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a Lead-Free 8-Lead Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead SOIC High and Low Side Driver in a 14-pin DIP package; A IR2010 packaged in a Lead-Free 16-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2109 packaged in a 8-Lead SOIC and Power Ground, Programmable Deadtime in a 14-pin DIP package; A IR21834 packaged in a 14-Lead PDIP Single High Side Driver, Noninverting Input in a 8-pin DIP package; A IR2117 packaged in a 8-Lead PDIP High voltage, high speed power MOSFET and IGBT driver with three independent high side and low side referenced output channels and with DC Bus Single High Side Driver, Noninverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2127 Analog IC 模拟IC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC shipped on Tape and Reel 模拟IC High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 16-Lead SOIC shipped on Tape and Reel
|
Lattice Semiconductor, Corp.
|
MM908E622ACDWBR2 MM908E62208 |
Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
|
Freescale Semiconductor, Inc
|
L9947 1422 L9947S |
From old datasheet system QUAD HALF-BRIDGE AND SINGLE HIGH-SIDE DRIVER
|
STMicroelectronics
|
IDT6168SA35Y IDT6168LA35Y IDT6168SA12SO IDT6168SA1 |
x4 SRAM Half Bridge Driver, high speed power MOSFET and IGBT drivers with dependent high and low side referenced output channels x4的SRAM
|
Microchip Technology, Inc.
|
ADUM6132 ADUM6132ARWZ ADUM6132ARWZ-RL |
Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
ADUM613208 ADUM6132ARWZ ADUM6132ARWZ-RL ADUM6132 |
Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
ATA683210 ATA6832-PIQW |
Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
|
ATMEL Corporation 聚兴科技股份有限公司
|
HIP4086AABZ HIP4086ABZ HIP4086ABZT |
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current 80V/0.5A Peak Three Phase Driver; Temperature Range: -25°C to 85°C; Package: 24-SOIC T&R 1.1 A HALF BRDG BASED MOSFET DRIVER, PDSO24
|
Intersil Corporation
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|