PART |
Description |
Maker |
ICL320705 ICL3217IBZ ICL3207 ICL3207CA ICL3207CAZ |
Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
ISL62882IRTZ-T |
Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: -40°C to 85°C; Package: 40-TQFN T&R SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil, Corp.
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
EL7900ILCZ-EVALZ EL7900ILCZ-T13 |
Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 5-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO5
|
Intersil, Corp. Intersil Corporation
|
ISL9205IRZ-T |
Li-ion Battery Charger; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC16
|
Intersil, Corp.
|
ISL29023IROZ-EVALZ ISL29023IROZ-T7 ISL29023 |
Integrated Digital Ambient Light Sensor with Interrupt Function; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
MC74LCX16244DTR2 MC74LCX16244DTG |
Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
ON Semiconductor
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
EDI8G321024V15MNC EDI8G321024V17MNC |
3-Channel DC/DC Converter; Temperature Range: -40°C to 85°C; Package: 20-HTSSOP T&R X32号的SRAM模块
|
Bourns, Inc.
|
EDL1300TX050TTL |
Programmable VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 光纤变送器
|
TT electronics Semelab, Ltd.
|
ISL29013IROZ-T7 |
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|