PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
AD8361 AD8361ARM AD8361ARM-REEL AD8361ARM-REEL7 AD |
LF to 2.5 GHz TruPwrDetector SPECIALTY ANALOG CIRCUIT, PDSO6 LF to 2.5 GHz TruPwrDetector 低频.5 GHz TruPwr⑩探测器 LF to 2.5 GHz TruPwr⑩ Detector LF to 2.5 GHz TruPwr Detector LF to 2.5 GHz TruPwr?/a> Detector LF to 2.5 GHz TruPwr?Detector
|
Analog Devices, Inc. AD[Analog Devices]
|
UPB1502GR UPB1502GR1 UPB1502GR1-E1 UPB1502GR-E1 |
1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129 1.7千兆 2.0 GHz的低功耗双分频DIVIDED-BY-64/65,一百二十九分之一百二十八 1.7 GHz/ 2.0 GHz Low-Power Two-Modulus Prescaler(1.7GHz 2.0GHz 定标
|
NEC, Corp. NEC Corp.
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
UPB585G UPB1510 UPB1510GV UPB1510GV-E1 |
3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS 3 GHz Input Divided By 4 Prescale(3 GHz 定标
|
NEC[NEC] NEC Corp.
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
PE-W90SF005-24 |
WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
PE71S2015 |
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
AGR21125E AGR21125EF AGR21125EU |
125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|
RMPA2550 |
2.4-2.5 GHz and 5.15-5.85 GHz Dual Band InGaP HBT Linear Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD [Fairchild Semiconductor]
|
AWB7128 AWB7128P8 |
2.545 GHz through 2.69 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|