PART |
Description |
Maker |
MM74HC273WM MM74HC273_05 MM74HC273 MM74HC273MTC MM |
Octal D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 20; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flops with Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LS374 HD74LS374 |
Octal D-type Flip-Flops with noninverted 3-state output Octal D-type Edge-triggered Flip-Flips(with three-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
MC74HC273AN MC74HC273ADTR2 MC74HC273ADT MC74HC273 |
Octal D-Type Flip-Flop OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
ON Semiconductor ONSEMI
|
M74HC273RM13TR M74HC273TTR M74HC273 M74HC273B1R M7 |
OCTAL D TYPE FLIP FLOP WITH CLEAR OCTAL D TYPE FLIP FLOP WITH CLEAR 12-Bit, 3 us DAC, Serial Input, Pgrmable Settling Time/Power Consump., Voltage O/P Range=2x VRef. 8-SOIC -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MC74HCT273ADW MC74HCT273ADWR2 MC74HCT273AN HCT273 |
LAMINATED LABEL, 3/4-INCH BLK/YEL RoHS Compliant: Yes HCT SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20 Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs Octal D-Type Flip-Flop
|
ONSEMI[ON Semiconductor]
|
74ABT534APWDH 74ABT534A 74ABT534AD 74ABT534ADB 74A |
Octal D-type flip-flop, inverting 3-State ABT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 From old datasheet system Octal D-type flip-flop, inverting (3-State)
|
NXP Semiconductors N.V. IRF[International Rectifier] Philips
|
MM74HCT574WM MM74HCT573 MM74HCT573_05 MM74HCT573MT |
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MM74HCT373 MM74HCT373WM MM74HCT373SJ MM74HCT373MTC |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per 3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MM74HCT374 MM74HCT373 MM74HCT373WMX MM74HCT374WMX |
3-STATE Octal D-Type Flip-Flop 3-STATE Octal D-Type Latch •
|
Fairchild Semiconductor
|
74LVT374 74LVT374D 74LVT374DB 74LVT374PW 74LVT374P |
3.3V Octal D-type flip-flop; positive-edge trigger (3-State)(3.3V ??瑙?????涓??娌胯Е???涓??锛? 3.3V Octal D-type flip-flop; positive-edge trigger 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|