PART |
Description |
Maker |
ZDT619 |
DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
BF620 BF620-T1 |
NPN silicon high voltage medium-power transistor. The Small-signal NPN Silicon High Voltage Medium-Power Transistor
|
Planeta List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
2N2484CSM 2N2484ACSM |
60V Vce, 0.05A Ic NPN bipolar transistor 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Electronic Theatre Controls, Inc. SEME-LAB[Seme LAB] SemeLAB
|
FZT1053 FZT1053A |
NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
ZXTD4591E6 ZXTD4591E6TA ZXTD4591E6TC ZXTD4591E6-15 |
DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2N3440CSM4R 2N3439CSM4R |
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
SemeLAB SEME-LAB[Seme LAB]
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
NE664M04-T2-A |
MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
|
California Eastern Laboratories
|
FZT694B-16 |
120V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
|
Diodes Incorporated
|