PART |
Description |
Maker |
TISP61089BSD |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solut...
|
TISP61089 |
DUAL FORWARD-CONDUCTING-P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
Power Innovations Ltd Power Innovations Limited Power Innovations International, Inc.
|
TISP61512P TISP61511D |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
|
POINN[Power Innovations Ltd] Power Innovations Limited
|
TISP61089P TISP61089 TISP61089ADR TISP61089AP TISP |
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS Dual Programmable Thyristor Surge Protector
|
Bourns Electronic Solut... Bourns Electronic Solutions POWER
|
TISP5080H3BJ TISP5110H3BJ TISP5070H3BJ TISP5150H3B |
FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS 前瞻性导电单向晶闸管过电压保护器
|
Power Innovations International, Inc. POINN[Power Innovations Limited] POINN[Power Innovations Ltd]
|
5SHX04D4502 |
Reverse Conducting Integrated Gate-Commutated Thyristor
|
The ABB Group
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
IDT7005L25F IDT7005L55G IDT7005L55GB IDT7005L55JB |
Synchronous DC-DC MOSFET Driver; ; No of Pins: 8; Container: Tape & Reel 8K X 8 DUAL-PORT SRAM, 55 ns, PQCC68 Power Factor Correction (PFC) and PWM Controller Combo; ; No of Pins: 8; Container: Tape & Reel 8K X 8 DUAL-PORT SRAM, 17 ns, QFP68 HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 高K的8双端口静态RAM HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 20 ns, CPGA68 HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 Dual 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 8; Container: Tape & Reel Dual 2A High-Speed, Low-Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Tape & Reel Multi-Color LED; LED Color:Green; Luminous Intensity:11ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-30 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No Mono & Stereo Amps with Microphone; Package: MLP; No of Pins: 24; Container: Tape & Reel Dual, Ultra Low Cost, RRIO CMOS Amplifier; Package: MSOP; No of Pins: 8; Container: Tape & Reel Single, Ultra Low Cost, RRIO CMOS Amplifier; Package: SOT-23; No of Pins: 5; Container: Tape & Reel
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|