PART |
Description |
Maker |
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
AAT3111 AAT3111-33 AAT3111IGU-33-T1 AAT3111IJS-33- |
MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower⑩ Regulated Charge Pump MICROPOWER⒙ REGULATED CHARGE PUMP MicroPower Regulated Charge Pump
|
Advanced Analogic Technologies, Inc.
|
R1250V301A R1250V301A-E2 R1250V401A-E2 R1250V201A |
Negative Output Charge Pump Regulator(100mA)
|
RICOH[RICOH electronics devices division] RICOM
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC3200-5 LTC3200 LTC3200EMS8PBF LTC3200ES6-5TRM L |
100mA Low Noise, Regulated Charge Pump Step-Up Converters Low Noise, Regulated Charge Pump DC/DC Converters; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.1 A SWITCHED CAPACITOR REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise, Regulated Charge Pump DC/DC Converters; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.1 A SWITCHED CAPACITOR REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
ADF4110 ADF4111 ADF4112 ADF4113 |
Single, Integer-N, 550 MHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N, 1.2 GHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N 3.0 GHz PPL With Programmable Prescaler And Charge Pump Single, Integer-N 4.0 GHz PLL With Programmable Prescaler And Charge Pump
|
Analog Devices
|
MAX1673 MAX1673ESA 1825 |
Regulated, 125mA Output, Charge Pump DC-DC Inverter From old datasheet system Regulated, 125mA-Output, Charge-Pump DC-DC Inverter Regulated / 125mA-Output / Charge-Pump DC-DC Inverter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
AL315811 AL3158FSG AL3158FSG-7 AL3158 |
HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS Nine-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
|
Diodes Incorporated
|