PART |
Description |
Maker |
ICL232 ICL232CBE ICL232LBE ICL232LJE ICL232LPE ICL |
5V Powered/ Dual RS-232 Transmitter/Receiver 5V Powered, Dual RS-232 Transmitter/Receiver 5V的技术,双路RS - 232发送器/接收
|
Harris Semiconductor Intersil HARRIS[Harris Corporation] Harris, Corp.
|
KIINM232DD NM232DD KII-NM232DD |
Isolated Dual EIA-232-D Transmitter and Receiver
|
Murata Power Solutions Inc. Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
ICL232 FN3020 |
5V Powered, Dual RS-232 Transmitter/Receiver From old datasheet system
|
Intersil
|
ISL4221E ISL4221EIR-T ISL4221EIR ISL4223EIR-T ISL4 |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receiv QFN Packaged /-15kV ESD Protected 2.7V to 5.5V 150Nanoamp 250kBps RS-232 Transmitters/Receivers QFN Packaged/ /-15kV ESD Protected/ 2.7V to 5.5V/ 150Nanoamp/ 250kBps/ RS-232 Transmitters/Receivers RS-232 Transceiver, 2T/2R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 1T/1R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
INTERSIL[Intersil Corporation]
|
EDI414097C100LZM EDI414097C70LZM EDI414097C80LZM E |
x1 Fast Page Mode DRAM ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC Video Distribution Amplifier; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC 2kx8 Asynchronous CMOS Static RAM; Temperature Range: -55°C to 125°C; Package: 24-CerDIP ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack x1快速页面模式的DRAM 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP x1快速页面模式的DRAM
|
Hoffman
|
MAX3224EAP MAX3224EPP MAX3224CAP MAX3225EAP MAX322 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 BATTERY LITHIUM 3V RECHARGE 1A Supply Current / 1Mbps / 3.0V to 5.5V / RS-232 Transceivers with AutoShutdown Plus 1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
|
Maxim Integrated Products, Inc.
|
J-26 J-63 J-62 J-21 J-64 J-13 J-16 J-41 226-R 616- |
Dual Mode™ 5V Programmable Micropower Voltage Regulators 5V, RS-232 Transceivers with 0.1µF External Capacitors 450MHz CDMA/OFDM LNA/Mixer 5V-Powered, Multichannel RS-232 Drivers/Receivers Direct-Conversion Tuner ICs for Digital DBS Applications 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Fuse 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容
|
Dialight PLC Exar, Corp.
|
MAX3188 MAX3188EUT-T MAX3188-MAX3189 MAX3189EUT-T |
1Mbps, 1µA RS-232 Transmitters in SOT23-6 1Mbps, 1μA RS-232 Transmitters in SOT23-6 1Mbps, 1A RS-232 Transmitters in SOT23-6 1Mbps 1A RS-232 Transmitters in SOT23-6 1Mbps, 1レA RS-232 Transmitters in SOT23-6 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SCN68681 SCN68681E1N40 SCN68681C1A44 SCN68681C1N40 |
Dual universal asynchronous receiver/transmitter (DUART双通用异步接收传送器) Dual asynchronous receiver/transmitter DUART Dual asynchronous receiver/transmitter (DUART)
|
NXP Semiconductors N.V. Philips Semiconductors
|
ICL3225 ICL3225CA ICL3225CA-T ICL3225CP ICL3225IA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO28 1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL83386E04 ISL83386EIVZ ISL83386EIVZ-T ISL83386EI |
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply 【15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|