PART |
Description |
Maker |
AT17LV010-10DP-SV AT17LV010-10DP AT17LV010-10DP-E |
Space FPGA Configuration EEPROM 1M X 1 CONFIGURATION MEMORY, DFP28
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
GS8320Z36GT-166 GS8320Z18GT-166 GS8320Z36GT-225 GS |
1 MEGABIT SERIAL CONFIGURATION PROM 流水线和流量分配36MB通过同步唑的SRAM 1 MEGABIT 3.3 VOLT SERIAL CONFIGURATION 流水线和流量分配36MB通过同步唑的SRAM 36Mb Pipelined and Flow Through Synchronous NBT SRAM 流水线和流量分配36MB通过同步唑的SRAM Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 256K 3.3 VOLT SERIAL CONFIGURATION PROM 128K SERIAL CONFIGURATION PROM
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
EPC1064LC-20 EPC1064VLC-20 EPC2TC32 EPC1064LI-20 E |
Configuration EPROM Configuration EEPROM
|
|
EPC2LI20 EPC1441PI8 EPC2 EPC8 |
Configuration Devices For SRAM-based Lut Devices, 440,800 1-bit Device With 5.0-V or 3.3-V Operation Configuration Device Family
|
Altera Corporation
|
AT17LV020-10JC AT17LV020-10JI AT17LV020 AT17C020-1 |
10MHZ, 3.3V, 20 PLCC, IND TEMP(FPGA) 2M X 1 CONFIGURATION MEMORY, PQCC20 2-megabit FPGA Configuration EEPROM Memory
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
FM3570 FM3570M20 FM3570M20X FM3570MT20X FM3570MT20 |
4/5-Bit Multiplexed 1-Bit Latched Port with Standard 2-Wire Bus Interface & Non-Volatile Latches CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID 2mm TERMINAL STRIP
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AT17LV010 AT17LV010-10JC AT17LV010-10JI AT17LV512- |
FPGA Configuration E2PROM Memory FPGA配置E2PROM的记 FPGA Configuration E2PROM Memory 1M X 1 CONFIGURATION MEMORY, PQCC20
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
XC1701-PD8M XC1701-PDG8I XC1701-SO20M |
1M X 1 CONFIGURATION MEMORY, 45 ns, PDIP8 1M X 1 CONFIGURATION MEMORY, 45 ns, PDSO20
|
XILINX INC
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
ATFS05 ATFS10 ATFS40 |
Configuration memory used to load the bitstream for AT94K05AL FPSLIC devices. Configuration memory used to load the bitstream for AT94K10AL FPSLIC devices. Configuration memory used to load the bitstream for AT94K40AL FPSLIC devices.
|
Atmel
|
XCF128XFTG64C DS617 XCF32PV0G48C |
Platform Flash XL High-Density Configuration and Storage Device 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA64 Platform Flash XL High-Density Configuration
|
Xilinx, Inc.
|