PART |
Description |
Maker |
STP55NF06L06 STB55NF06L STB55NF06L-1 STP55NF06L |
N-channel 60V - 0.014Ω - 55A TO-220/D2PAK/I2PAK STripFET II Power MOSFET N-channel 60V - 0.014ヘ - 55A TO-220/D2PAK/I2PAK STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
IRFZ48-004 IRFZ48PBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 50 A, 60 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
International Rectifier
|
STS8C5H30L S8C5H30L |
From old datasheet system N-CHANNEL 30V -0.018 Ohm - 8A - P-CHANNEL 30V - 0.045 Ohm - 5A - SO-8 LOW GATE CHARGE STRIPFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BSZ180P03NS3EG |
9 A, 30 V, 0.018 ohm, P-CHANNEL, Si, POWER, MOSFET
|
INFINEON TECHNOLOGIES AG
|
HUF76423D3 HUF76423D3S HUF76423D3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 20A I(D) | TO-252AA 20 A, 60 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild 20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFETPower MOSFETFairchild
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STS8NF30L |
N-CHANNEL 30V - 0.018 OHM -8A SO-8 STRIPFET POWER MOSFET
|
ST Microelectronics
|
STD45NF75 STD45NF75T4 |
N-CHANNEL 75V - 0.018 OHM -40A DPAK STRIPFET II POWER MOSFET
|
ST Microelectronics
|
STD45NF75 STD45NF75T4 D45NF75 |
N-CHANNEL 75V - 0.018 OHM -40A DPAK STripFETTMII POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
RF1S23N06LESM |
23A, 60V, 0.065 Ohm, Logic Level,N-Channel Power MOSFETs(23A, 60V, 0.065 Ω,逻辑电平,N沟道功率MOS场效应管) 23 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Intersil, Corp.
|
|