PART |
Description |
Maker |
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
MC9S12A128 MC9S12DG128EVPV |
16 bit Microcontroller Unit (MCU)(16位MCU) 16位微控制器单元(MCU)(16位微控制器) 16-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP112
|
飞思卡尔半导体(中国)有限公司 MOTOROLA INC
|
MC68HC805B6 |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
ATXMEGA128A3 ATXMEGA128A3-AU ATXMEGA256A31012 |
8/16-bit XMEGA A3 Microcontroller MCU AVR 128K FLASH 1.8V 64-TQFP 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64
|
Atmel, Corp. ATMEL Corporation
|
AT80C51RD2-SLRUM AT80C51RD2-RLRUM |
IC MCU 80C51 HI PERFORM 44PLCC 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 80C51 High Performance ROM 8-bit Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
ADUC7019BCPZ62I-RL ADUC7027BSTZ62-RL ADUC7029BBCZ6 |
32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, QCC40 32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, PQFP80 32-BIT, FLASH, 44 MHz, RISC MICROCONTROLLER, PBGA49 Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
|
ANALOG DEVICES INC
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
AT89C51RE2-SLSEM AT89C51RE2-SLSUM |
MCU 8BIT FLASH 2.7-5.5V 44-PLCC 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC44 8-bit Flash Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
ST72141K2M6 ST72141K2B6 ST72141K2 ST72141K ST72141 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM, 256 BYTES RAM,ADC, WDG, SPI & 2 TIMERS, SDIP32-SO34
|
STMICROELECTRONICS[STMicroelectronics]
|
W78E858 |
8-bit MCU w/32Kx8 FLASH, 768x8 RAM, 128x8 EEPROM, In-system Programmable, PWM 8 BIT MICROCONTROLLER
|
Winbond Electronics WINBOND[Winbond]
|
|