PART |
Description |
Maker |
ST62E01C ST62E01CD1 ST6201CB1 ST6201CB3 ST6203CB6 |
(ST62T00C / ST62T01C / ST62T03C / ST62E01C) 8-BIT OTP/EPROM MCUs IC-8-BIT MCU 1K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS 8位检察官办公存储器与阿微控制 D转换器,振荡器保障,安全复位16个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
ST62T65B ST6265BM3 ST6265BB6 |
(ST6255B / ST6265B) 8-BIT OTP/EPROM MCUs Replaced by PT78HT205 : 5Vout 2A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 8位检察官办公存储器与阿微控制 D转换器,自动重加载定时器,EEPROM和的SPI 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI 8位检察官办公存储器与阿微控制 D转换器,自动重加载定时器,EEPROM和的SPI
|
ST Microelectronics STMicroelectronics N.V.
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST62T35B |
(ST62E35B / ST62T35B) 8-BIT OTP/EPROM MCUs
|
ST Microelectronics
|
ST62E30B ST6230BB1 |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
|
http:// 意法半导
|
ST72371 5835 ST72T372J4B1 ST72T372J4T1 ST72372J4B1 |
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI From old datasheet system 8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I 2 C AND SCI
|
STMicroelectronics
|
ST6225CN1 ST6225CN3 ST6225CN6 ST62T15C |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 28 PINS
|
ST Microelectronics SGS Thomson Microelectronics
|
ST62P52CM-AUTO ST62T52CM-AUTO ST62E62CF1 ST62T52CM |
8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
|
STMicroelectronics
|
ST62T52C 6217 |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER,SAFE RESET, AUTO-RELOAD TIMER AND EEPROM From old datasheet system
|
STMicro
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|