PART |
Description |
Maker |
TC962COE TC962CPA TC962EPA TC962IJA TC962MJA TC962 |
The TC962 is an advanced version of the industry-standard 7662 high-voltage DC-to-DC converter. Using improved design techniques and CMOS construction, the TC962 can source as much as 80mA versus the 7662 ’s 20mA capability. As an in From old datasheet system High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
E1008 E512 E530 E522 E531 E533 E513 |
Green, low profile surface mount LED. Lens translucent green. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.20V. High efficiency red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 5.0mcd (min), 12.0mcd (max). Typ.forward voltage at 20mA 2.00V. Ultra bright red, low profile surface mount LED. Lens translucent red. Luminous intensity at 20mA 40.0mcd (min), 70.0mcd (max). Typ.forward voltage at 20mA 1.85V. Yellow, low profile surface mount LED. Lens translucent yellow. Luminous intensity at 20mA 3.2mcd (min), 8.0mcd (max). Typ.forward voltage at 20mA 2.10V. SMT Bright White LEDs
|
GILWAY[Gilway Technical Lamp]
|
MCP73828 |
Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
|
Microchip Technology
|
EA401 EA404 EA406 EA432 EA430 EA444GR EA444GY EA33 |
Red, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 12.5mcd. Typ. forward voltage at 20mA 2.0V. Yellow, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 5.0mcd. Typ. forward voltage at 20mA 2.1V. Green, right angle, quad-level, mini LED. Lens diffused. Max.luminous intensity at 10mA 5.0mcd. Typ. forward voltage at 20mA 2.2V. Ultra bright green, right angle, quad LED. Lens diffused. Max.luminous intensity at 20mA: 60.0mcd. Typ. forward voltage at 20mA 2.2V. Ultra bright red, right angle, quad LED. Lens diffused. Max.luminous intensity at 20mA: 300.0mcd. Typ. forward voltage at 20mA 1.85V. Red & green, right angle, quad-level, mini LED. Lens white diffused. Max.luminous intensity at 10mA: 32.0mcd(red), 32.0mcd(green). Typ. forward voltage at 20mA: 2.0V(red), 2.2V(green). Green & yellow, right angle, quad-level, mini LED. Lens white diffused. Max.luminous intensity at 10mA: 32.0mcd(green), 20.0mcd(yellow). Typ. forward voltage at 20mA: 2.2V(green), 2.2V(yellow). Red, right angle, tri-level, T-1, LED. Lens diffused. Max.luminous intensity at 20mA 50mcd. Typ. forward voltage at 20mA 2.0V. Orange side viewing LED. Lens translucent. Typ.luminous intensity at 15mA 4.0mcd. Typ. forward voltage at 20mA 2.1V. Green side viewing LED. Lens translucent. Typ.luminous intensity at 15mA 4.0mcd. Typ. forward voltage at 20mA 2.1V. Ultra bright red, right angle, T-1 LED. Lens translucent. Max.luminous intensity at 20mA 500mcd. Typ. forward voltage at 20mA 1.85V.
|
Gilway Technical Lamp
|
LT3008 LT3008EDC LT3008EDC-PBF LT3008EDC-TR LT3008 |
3μA IQ, 20mA, 45V Low Dropout Linear Regulator 3渭A IQ, 20mA, 45V Low Dropout Linear Regulator 3楼矛A IQ, 20mA, 45V Low Dropout Linear Regulator
|
Linear Technology
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
2SA921 2SA09212SA921 2SA0921S 2SA921R |
TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 20MA I(C) | TO-92 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 20mA的一(c)|2 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 20MA I(C) | TO-92 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 20mA的一(c)|92 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TE Connectivity, Ltd. Infineon Technologies AG Matsshita / Panasonic
|
NMRTB-CSS-T3U3_U3V3_R3S3 NMRTB-CSS |
SPNovaLED: 20mA
|
DOMINANT[DOMINANT Semiconductors]
|
NMRTB-CSS-T3U3U3V3R3S3 |
SPNovaLED: 20mA
|
DOMINANT Semiconductors
|
HAL508UA-A HAL523SF-A HAL523SF-K HAL516SF-A HAL516 |
MAGNETIC FIELD SENSOR-HALL EFFECT, -2.3-2.3mT, 0-20mA, RECTANGULAR, THROUGH HOLE MOUNT MAGNETIC FIELD SENSOR-HALL EFFECT, 20.7-13.5mT, 0-20mA, RECTANGULAR, THROUGH HOLE MOUNT PLASTIC, TO-92UA-1, 3 PIN Hall-Effect Sensor Family
|
Micronas Semiconductor Holding AG
|
2SC4579 |
900V/20mA Switching Applications
|
SANYO[Sanyo Semicon Device]
|
AN7222N AN7224N |
V(cc): 9.6V; 20mA; 192mW; AM tuner, FM-AM IF amplifier
|
Panasonic Semiconductor
|