PART |
Description |
Maker |
RFRX1702 |
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
|
RF Micro Devices
|
LTC5508 LTC5508ESC6 LTC5508ESC6TRM LTC5508ESC6TRMP |
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: -40°C to 125°C 300 MHz - 7000 MHz RF/MICROWAVE LINEAR DETECTOR, 12 dBm INPUT POWER-MAX 300MHz to 7GHz RF Power Detector in SC70
|
Linear Technology, Corp.
|
TIM1011-15L |
P1dB=42.0dBm at 10.7GHz to 11.7GHz
|
Toshiba Corporation
|
DTSPU68 DTSPU68-105 DTSPU68-108 |
Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
|
Wall Industries,Inc.
|
RF5652PCK-411 |
5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
|
RF Micro Devices
|
RF5602WB33PCK-410 RF5602HWLPCK-410 RF5602SR RF5602 |
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
|
RF Micro Devices
|
TC2998E |
2.5-2.7GHz 20W Packaged GaAs Power FETs
|
Transcom, Inc.
|
PE6112 |
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
|
Pasternack Enterprises, Inc.
|
LTC5532 |
300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
|
Linear
|
PTB20078 |
2.5 Watts, 1525660 MHz INMARSAT RF Power Transistor 2.5 Watts, 1525-1660 MHz INMARSAT RF Power Transistor 2.5瓦,16250年国际海事卫星组织兆赫射频功率晶体管
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|