PART |
Description |
Maker |
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
FDB6030BL FDB6030BLNL |
N-Channel Logic Level PowerTrench MOSFET N-Channel Logic Level PowerTrench MOSFET From old datasheet system N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor
|
PSMN4R0-25YLC PSMN4R0-25YLC-15 |
N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK N-channel 25 V 4.5 m logic level MOSFET in LFPAK 84 A, 25 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235
|
NXP Semiconductors N.V.
|
BUK9Y59-60E BUK9Y59-60E-15 |
N-channel 60 V, 59 mΩ logic level MOSFET in LFPAK56 N-channel TrenchMOS logic level FET
|
NXP Semiconductors
|
PSMN9R0-25MLC PSMN9R0-25MLC-15 |
N-channel 25 V 8.65 mili ohm logic level MOSFET in LFPAK33 N-channel 25 V 8.65 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
|
NXP Semiconductors
|
FQS4900 FQS4900TF |
Dual N & P-Channel/ Logic Level MOSFET Dual N & P-Channel, Logic Level MOSFET Dual N-Channel 60V & P-Channel 300V QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDB8860 FDB886008 |
N-Channel Logic Level PowerTrench? MOSFET N-Channel Logic Level PowerTrench㈢ MOSFET
|
Fairchild Semiconductor
|
FDC658P |
Single P-Channel/ Logic Level/ PowerTrenchTM MOSFET Single P-Channel, Logic Level, PowerTrenchTM MOSFET 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
NTF3055L108 NTF3055L108D NTF3055L108T1 NTF3055L108 |
Power MOSFET 3.0 A, 60 V, Logic Level, N−Channel SOT−223 3 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET 3.0 A, 60 V, Logic Level N-Channel SOT-223(3A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 3.0 A, 60 V, Logic Level, N−Channel SOT−223
|
ONSEMI[ON Semiconductor]
|
ISL9N322AD3ST |
POWER SUP SWITCHER 41W 5.1V MED 20 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 з N-Channel Logic Level UltraFET Trench MOSFET 30V 20A 0.022 N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 ?
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQB19N10L FQI19N10L FQB19N10LTM |
100V Logic N-Channel MOSFET(漏源电压00V的逻辑N沟道增强型MOS场效应管) 19 A, 100 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 100V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|