PART |
Description |
Maker |
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2N6052 2N6058 |
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 12 AMPERE COMPLEMENTARY
|
ON Semiconductor
|
MJF6668 ON2050 MJF6388 MJF6688 |
Complementary power darlington From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
|
ONSEMI[ON Semiconductor] Motorola, Inc MOTOROLA INC
|
NTE2404N NTE2404NPN NTE2404 NTE2405 |
300 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon Complementary Transistors Darlington / General Purpose Silicon Complementary Transistors Darlington, General Purpose
|
NTE[NTE Electronics]
|
MPQ6001N MPQ6002 MPQ6502N MPQ6001 MPQ6002N MPQ6501 |
QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS 四双行中的硅互补对三极管 (MPQ6001 / MPQ6002 / MPQ6501 / MPQ6502) QUAD DUAL IN LINE SILICON COMPLEMENTARY PAIR TRANSISTORS
|
MOTOROLA[Motorola, Inc]
|
2N6107 2N6111 2N6292 2N6109 2N6288 2N6107-D |
Complementary Silicon Plastic Power Transistors POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
MJE70006 MJE700G MJE702G MJE703G MJE803G MJE700 MJ |
Plastic Darlington Complementary Silicon Power Transistors(浜?ˉ??揪??】纭?????浣??) 4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
|
ONSEMI[ON Semiconductor]
|
MJ21195G MJ21195G-13 |
Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
|
ON Semiconductor
|
2N6491G 2N6490 2N6490G 2N6488G |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60?0 VOLTS, 75 WATTS Complementary Silicon Plastic Power Transistors 60?0 VOLTS, 75 WATTS Complementary Silicon Plastic Power Transistors 60?0 VOLTS, 75 WATTS
|
ON Semiconductor
|
2N604006 2N6042G 2N6040G 2N6043G 2N6045G 2N6040 2N |
Plastic Medium−Power Complementary Silicon Transistors Plastic Medium?Power Complementary Silicon Transistors
|
http:// ONSEMI[ON Semiconductor]
|