PART |
Description |
Maker |
LT1715IMSTRPBF LT1715HMSPBF LTVQ LT1715HMSTRPBF LT |
4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
|
Linear Technology http://
|
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX9967BGCCQ-BOU-D MAX9967BGCCQ-BOUD MAX9967BQCCQ |
Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load DUAL COMPARATOR, 100000 uV OFFSET-MAX, 2.2 ns RESPONSE TIME, PQFP100
|
Maxim Integrated Products, Inc. Sony, Corp. MAXIM INTEGRATED PRODUCTS INC
|
A3972 A3972SB 3972 |
DIODE SWITCHING DUAL SERIES 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
A3962 3962 A3962SLB |
DUAL FULL-BRIDGE PWM MOTOR DRIVER From old datasheet system DIODE SWITCHING DUAL-DUAL COMMON-CATHODE 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
LA6393M LA6393M11 |
For Parallel Comparator Circuits High-Performance Dual Comparator
|
Sanyo Semicon Device
|
ALD2302 ALD2321BSC |
Ultra Low Vos EPAD® Dual CMOS Analog Voltage Comparator DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
|
Advanced Linear Devices
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
TA7521P |
Dual Comparator Voltage Comparator
|
Toshiba
|
HA1-5190-2 HA1-5195-5 HA9P5195-5 HA-5195 FN2914 HA |
150MHz, Fast Settling Operational
Amplifiers(150MHz快速稳定运算放大器) 150MHz, Fast Settling Operational Amplifiers 150MHz Fast Settling Operational Amplifiers 150MHz/ Fast Settling Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CMP100AU CMP100AP |
DUAL COMPARATOR, 20000 uV OFFSET-MAX, PDSO16 DUAL COMPARATOR, 20000 uV OFFSET-MAX, 3.6 ns RESPONSE TIME, PDIP16
|
|