PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ACT244 74ACT244B 74ACT244M 74ACT244T 4825 |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset 14-SOIC 0 to 70 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
74LVQ541TTR 74LVQ541 74LVQ541MTR |
LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NO INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
U74AC244 U74AC244G-P20-R U74AC244G-P20-T U74AC244L |
The U74AC244 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
M95128-MW6TG M95256-DW3G/A M95256-DW3G/V M95256-MW |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 32K X 8 SPI BUS SERIAL EEPROM, PDSO8 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-PDIP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With Clear 20-SSOP -40 to 85 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 RECTIFIER SCHOTTKY SINGLE 10A 40V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit128Kbit的EEPROM串行SPI总线高速时 256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256Kbit28Kbit的EEPROM串行SPI总线高速时 RECTIFIER SCHOTTKY DUAL 16A 50V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 一百二十八分之二百五十六千位串行SPI总线的EEPROM高速时 Replaced by SN74ABT245B : Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 RES 1.5K-OHM 1% 0.125W 100PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA RES 6.20K OHM 1/4W 1% 1206 SMD VARISTOR 150V RMS 4032 SMD Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 256 Kbit Serial SPI bus EEPROM with high speed clock 256Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
MC74VHC244-D MC74VHC244DT MC74VHC244DTR2 MC74VHC24 |
Octal Bus Buffer Octal 3-State Driver
|
ON Semiconductor
|
DM74AS240 DM74AS240N DM74AS240WM DM74AS244 DM74AS2 |
Octal 3-STATE Inverting Buffer/Line Drivers/Line Receiver 3-STATE Bus Driver/Receiver From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX799C/D MAX797C/D MAX796-MAX799 MAX796CSE MAXIMI |
Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 Step-Down Controllers with Synchronous Rectifier for CPU Power
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
IDT74LVCH244A 74LVCH244A_DS_67793 IDT74LVCH244ASO |
3.3V CMOS Octal Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold From old datasheet system 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
74LVQ244 4687 74LVQ244T 74LVQ244M |
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON-INVERTED)
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
MC74LVX244DTG MC74LVX244DTR2G |
Octal Bus Buffer
|
ON Semiconductor
|
MC74VHCT541A-D |
Octal Bus Buffer
|
ON Semiconductor
|