PART |
Description |
Maker |
AS2051F-06 AS1001F-04 AS1001F-06 AS3001F-08 AS3001 |
SPEED CONTROLLER 6MM SPEED CONTROLLER 4MM SPEED CONTROLLER 8MM SPEED CONTROLLER 12MM SPEED CONTROLLER 10MM 调速器10毫米
|
ETC
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AT43USB351M-AC AT43USB351M |
Full-speed/Low-speed USB Microcontroller with ADC and PWM
|
ATMEL[ATMEL Corporation]
|
LTC2444LTC2445LTC2448 |
24-Bit High Speed 8-/16-Channel Delta Sigma ADCs with Selectable Speed/Resolution
|
linear
|
OXU140CM-LQBG OXU140CM-PBBG OXU140CM |
USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface
|
OXFORD[Oxford Semiconductor]
|
AT43USB351MNBSP AT43USB351M |
Full-speed/low speed USB Microcontroller with ADC and PWM. From old datasheet system
|
Atmel corp
|
LTC2440 2440F |
24-Bit High Speed Differential Delta Sigma ADC with Selectable Speed/Resolution From old datasheet system
|
Linear
|
CM1233 CM1233-08DE |
PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
|
California Micro Devices Corp
|
USS810 USS810M-DT L-USS810M-D USS810M-D |
USB 2.0 Full-Speed/Low-Speed Transceiver
|
AGERE[Agere Systems]
|
AD53040 AD53040KRP AD53040G |
HIGH SPEED DRIVERS: Complete high speed pin driver Ultrahigh Speed Pin Driver with Inhibit Mode
|
AD[Analog Devices]
|
BL-R313G BL-R513G BL-BX113G BL-BX113C BL-BX139 BL- |
BIGGER SIZE LED LAMPS (ROUND TYPES) 较大尺寸的LED节能灯(圆形类型 MBL /-5V/200MV RED 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司
|
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|