PART |
Description |
Maker |
71V12415PHGI8 71V12412PHGI8 71V12412TYGI8 |
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
|
Integrated Device Techn...
|
IDT71V124SA IDT71V124SA12PHI IDT71V124SA15PHI |
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
|
Integrated Device Techn...
|
IDT71V416VL IDT71V416VS15YGI IDT71V416VL10BEG IDT7 |
From old datasheet system 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PDSO44 Transformers Only Module 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
W24100S-70L W24100S-70LL W24100T-70L W24100T-70LL |
128K X 8 CMOS STATIC RAM From old datasheet system 128K X 8 CMOS STATIC RAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32
|
WINBOND[Winbond] Winbond Electronics Corp
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
W24L010A W24L010A-10 W24L010A-12 W24L010A-15 W24L0 |
From old datasheet system Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDIP32
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
IC62LV1024AL IC62LV1024ALL-45B IC62LV1024ALL-45BI |
70ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128K x 8 Ultra Low Power and Low VCC SRAM From old datasheet system 55ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IDT71V416L |
(IDT71V416L/S) .3V CMOS Static RAM 4 Meg
|
Integrated Device Technology
|
IDT71T016SA20YI IDT71T016SA IDT71T016SA10BF IDT71T |
2.5V CMOS Static RAM, 1 Meg (64k X 16-Bit) 2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
|
IDT[Integrated Device Technology]
|
IDT71028 IDT71028S12Y IDT71028S15Y IDT71028S17Y ID |
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
|
IDT[Integrated Device Technology]
|
CY62128V CY62128V18 CY62128V18L-200SC CY62128V18L- |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 200 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 100 ns, PDSO32 SWITCH DETECT PB SPST RT ANG .1A
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY62128V01 CY62128V18LL-200ZAIT CY62128VLL-55SC CY |
1M (128K x 8) Static RAM 128K X 8 STANDARD SRAM, 200 ns, PDSO32 128K x 8 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|