PART |
Description |
Maker |
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
GBJ10K GBJ10A GBJ10B GBJ10D GBJ10G GBJ10J |
Aluminum Polymer SMT Capacitor; Capacitance: 390uF; Voltage: 4V; Case Size: 6.3x6 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
PCJ0E181MCL1GS PCJ0G561MCL9GS |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 180 uF, SURFACE MOUNT 3.0 MHz, 600 mA Step-Down DC-DC Converter CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
PCG0J222MCL1GS PCG1A102MCL1GS PCG1C470MCL1GS |
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon Corporation Nichicon, Corp.
|
KBP10 GBL005 KBP005 KBP01 KBP02 KBP04 KBP06 KBP08 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Aluminum Polymer SMT Capacitor; Capacitance: 82uF; Voltage: 10V; Case Size: 5x6 mm; Packaging: Tape & Reel 单相玻璃钝化整流
|
Shanghai Lunsure Electr... CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd.
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UWP1H3R3MCL1GB |
Aluminum Electrolytic SMT Bi-Polar Capacitor; Capacitance: 3.3uF; Voltage: 50V; Case Size: 5x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 50 V, 3.3 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
SPA101M04R SPA101M0ER SPA221M04R SPA221M0ER SPA121 |
Solid Polymer Aluminum SMT Capacitors
|
Cornell Dubilier Electronics
|
EEHZA1E101XP EEHZA1E221P EEHZA1J100P |
Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
|
Panasonic Semiconductor
|
PEEA10V271M PEEA6R3821M |
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
|
MERITEK ELECTRONICS COR...
|
APSC100ELL391MHB5S APSC100ELL681MJB5S |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|