PART |
Description |
Maker |
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N4413A 2N4415A 2N4384 2N4386 2N4027 2N4963 2N4269 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors
|
CENTRAL[Central Semiconductor Corp]
|
DDC123JH DDC123JH-7 DDC114EH DDC114TH DDC114TH-7 D |
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2SD2652 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) General purpose amplification
|
Rohm
|
UMT2907A MMST2907 SST2907A MMST2907A PN2907A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) PNP Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
2SD1733TLQ 2SD1768S |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 1A I(C) | TO-252
|
ROHM
|
MMBTA0511 MMBTA05-TP |
NPN Small Signal General Purpose Amplifier Transistors TRANSISTOR NPN GP 60V SOT23 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
|