PART |
Description |
Maker |
BDS29B BDS29C BDS29A |
COMPLEMENTARY POWER DARLINGTON TO254 METAL TRANSISTORS DIODE TVS 45V 1500W BIDIR 5% SMC DIODE TVS 36V 1500W BIDIR 5% SMC
|
Seme LAB
|
WM0831LCD WM0831LIP WM0831 WM0831CD WM0831CP WM083 |
8-Bit ADCs with Serial Interface and Differential or Dual Inputs 8 -串行接口和差分或双位ADC输入 TVS UNI-DIR 26V 1500W SMC 8 -串行接口和差分或双位ADC输入 TVS UNIDIRECT 1500W 24V SMC 8 -串行接口和差分或双位ADC输入 From old datasheet system 8-BIT DUAL INPUT ADC WITH SERIAL INTERFACE
|
Wolfson Microelectronics plc
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
CD214B-T6.5CALF CD214B-T6.5ALF CD214A-T6.5ALF CD21 |
TVS Bidirect Diode 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS Bidirect Diode 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:24V; Breakdown Voltage, Vbr:26.7V; Package/Case:DO-214AA; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:600W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:24V; Breakdown Voltage, Vbr:26.7V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:100V; Breakdown Voltage, Vbr:111V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:150V; Breakdown Voltage, Vbr:167V; Package/Case:DO-214AA; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:600W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:20V; Breakdown Voltage, Vbr:22.2V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes CD214B Transient Voltage Suppressor Diode Series
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
WM9707 |
TVS BIDIRECT 400W 28V SMA
|
Wolfson Microelectronics
|
M393T5750BY0-CD5/CC M393T2950BZ0-CD5/CC M393T2953B |
100 x 64 pixel format, TAB display SWITCH, DPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT Centre Off; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes TVS BIDIRECT 1500W 16V SMC DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
SMCJ28A-13-F SMCJ58A-13-F SMCJ78A-13-F SMCJ90A-13- |
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc.
|
SMCJ SMCJ150CA SMCJ28CA SMCJ85CA SMCJ7.5CA |
1500W Peak Power Surface Mount TVS
|
SeCoS Halbleitertechnologie GmbH
|
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
1.5SMC33AT3 1.5SMC39AT3 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS))
|
ON Semiconductor
|
|