PART |
Description |
Maker |
AT17LV128-10SC AT17LV128-10SI AT17LV256-10CU AT17L |
FPGA Configuration EEPROM Memory 10MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) 512K X 1 CONFIGURATION MEMORY, PQCC20 10MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) 1M X 1 CONFIGURATION MEMORY, PQCC20 256K X 1 CONFIGURATION MEMORY, PDSO8
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp. ATM Electronic, Corp.
|
X2864HJ-70 X2864BPI-18 X2864HJ-90 X2864BGM-12 X286 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, SOT23, IND TEMP, GREEN, 1.8V(SERIAL EE) 32M CONFIG FLASH, 44 PLCC, IND(FPGA) 10 MHZ, 8 LAP, IND TEMP(FPGA) 25NS, 24 SOIC, IND TEMP(EPLD) 10MS, 8 TSSOP, EXT TEMP, 2.7V(SERIAL EE) DIE SALE,1.8V, 11MIL(SERIAL EE) 10MHZ, 8 PDIP, IND TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 10MHZ, 44 TQFP, COM TEMP(FPGA) 128Kx8 EEPROM 20NS,CERDIP,883C; LEV B FULLY COMPLIANT(EPLD) 10MHZ, 20 SOIC, COM TEMP, 5K MOQ(FPGA) 10 MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) x8的EEPROM 10MHZ, 20 PLCC, IND TEMP(FPGA) x8的EEPROM 30MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM
|
ITT, Corp. Pericom Technology (Shanghai) CO., Ltd. Diodes, Inc. Electronic Theatre Controls, Inc.
|
AM3064-70/BZC AM3064-50GI175 AM3064-50JC068 AM3090 |
10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) DIE SALE, 2.7V, 7 MIL(BIOS FLASH) 10MS, 8 SAP, IND, ROHS-B, 2.7V(BIOS FLASH) 8-SOIC,AUTO TEMP,2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, 2.7V(SERIAL EE) 10MS, 8 PDIP, EXT TEMP, GREEN,2.7V(SERIAL EE) 10MS, 8 TSSOP, INT TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 PDIP, INT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE 1.8V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN,2.7V(SERIAL EE) 8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA 10MS, 8 SOIC, INT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE)
|
Stackpole Electronics, Inc. Ecliptek, Corp. Analog Devices, Inc. Glenair, Inc.
|
AT18F010-30XU AT18F040-30XU AT18F002-30XU AT18F080 |
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory FPGA Configuration Flash Memory
|
聚兴科技股份有限公司 ATMEL Corporation
|
AT17F16A-30CC AT17F16A-30CI AT17F16A-30CU AT17F16A |
FPGA Configuration Flash Memory
|
ATMEL Corporation
|
AT17LV65 AT17LV65-10NC AT17LV65-10NI AT17LV65-10PC |
FPGA Configuration EEPROM Memory
|
ATMEL Corporation
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
AT17LV020A-10JI |
10MHZ, 3.3V, 20 PLCC, IND TEMP(FPGA) 2M X 1 CONFIGURATION MEMORY, PQCC20
|
Atmel, Corp.
|
AT17F040 |
FPGA CONFIGURATION FLASH MEMORY 4 and 8 Mbit In-System Programable PROM (3.3V)
|
ATMEL Corporation
|
AT17C65-10CC AT17C256-10CC AT17C128-10CC AT17C65-1 |
SERIAL EEPROM|CMOS|LLCC|8PIN|PLASTIC SERIAL EEPROM|CMOS|SOP|8PIN|PLASTIC 256K X 1 CONFIGURATION MEMORY, DSO8 256K X 1 CONFIGURATION MEMORY, PDSO8
|
ATMEL CORP
|
|