PART |
Description |
Maker |
AAT4615 |
Adjustable Current Limited Load Switch
|
Analogic Tech
|
AOZ1360 AOZ1360AI AOZ1360DI |
28V Programmable Current-Limited Load Switch
|
Alpha & Omega Semicondu... Alpha & Omega Semiconductors
|
AAT4608 AAT4608IGV-1-T1 AAT4608IGV-T1 |
Current Limited Load Switch in SOT-23 Package
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
AAT4608 |
Current Limited Load Switch in SOT23 Package
|
Analogic Tech
|
AAT4610 |
From old datasheet system Current Limited Load Switch in SOT23 Package
|
Analogic Tech
|
AAT4610A |
Current Limited Load Switch in SOT23 Package From old datasheet system
|
Analogic Tech
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQZ102 AQZ104 AQZ105 AQZ202 AQZ204 AQZ205 AQZ207 |
Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 60 V, load current 4.0 A. Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 400 V, load current 0.7 A. Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 100 V, load current 2.6 A. Power photoMOS relay, 1-channel (form A). Output rating: load voltage 60 V, load current 3.0 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 400 V, load current 0.5 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 100 V, load current 2.0 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 200 V, load current 1.0 A.
|
Matsushita Electric Works(Nais)
|
AAT4601 |
1.8A Current Limited P-Channel Switch
|
Analogic Tech
|
AAT4601AIKS-T1 AAT4601A AAT4601AIAS-T1 AAT4601AIHS |
1.8A Current Limited P-Channel Switch
|
ANALOGICTECH[Advanced Analogic Technologies]
|
AQY414SZ AQY14 AQY410SX AQY410SZ AQY414SX |
GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type 顾(一般使用)型SOP系列1 -频道(表B引脚 PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 400 V, load current 100 mA. PhotoMOS relay, GU (general use) type, 1-channel (form B). Output rating: load voltage 350 V, load current 120 mA.
|
Nais(Matsushita Electri... Panasonic, Corp. NAIS[Nais(Matsushita Electric Works)] Matsushita Electric Works(Nais)
|
AP21821007 AP21X2MPG-13 AP2192SG-13 |
1.5A DUAL CHANNEL CURRENT-LIMITED POWER
|
Diodes Incorporated Diodes Inc.
|