PART |
Description |
Maker |
A6818SA A6818EEP A6818EA 6818 A6818SEP |
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DABiC-IV/ 32-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV 32-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
A6810 A6810SLW A6810SA A6810ELW A6810SEP |
DABiC-IV/ 10-BIT SERIAL-INPUT/ LATCHED SOURCE DRIVER DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER DABiC-IV 10-Bit Serial-Input Latched Source Drivers with Active Pull-Downs
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
PWB PWB-5000 PWB-5001 PWB-5005 |
TRANS,WALL,9VDC/300mA,F1, 2.5X5.5mm,UL/CUL TRANS,WALL,9VDC/350mA,F2 2.1mm x 5.5 mm,UL/CUL TRANS,WALL,12VDC/200MA,F2 2.1mm X 5.5mm,RT. ANGLE TRANS,WALL,12VDC/200mA,LT GRAY F2,2.5mmX5.5mm,RANGL,UL/CSA 1-OUTPUT 5 W AC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc.
|
74ALVT16899DGG AV16899DGG 74ALVT16899 |
2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker (3-State)(6位奇偶发生器/校验器的2.5V/3.3V 18位锁存收发器(三态)) 2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
|
NXP Semiconductors
|
PV15-24S PV15-15S PV15-5S PV15-48S |
TRANS,WALL,9VDC/200mA,F1 2.1mm X 55mm,UL/CSA(CTR-NEG) TRANS,WALL,REG,6VDC/1A 2.1mmX5.5mm,CTR POS,UL/CSA TRANS,WALL,9VDC/200mA, M2,3.5mm,UL/CSA TRANS,WALL,9VDC/300mA,F2, 2.5mmX5.5mm,UL/ULC TRANS,WALL,9VDC/300mA,F2 2.1mm X 5.5mm,UL/CSA
|
Astrodyne, Inc.
|
PCA8550 PCA8550PWDH PCA8550PW PCA8550D PCA8550DB |
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
VI-B64-MU-BM VI-B61-CU-BM VI-B63-EU-BM VI-B63-MU-B |
LED IR 935NM PLASTIC SIDELOOK 电池充电电流源模 RES, 160 OHM 1/8W 5% 电池充电电流源模 Battery Charger Current Source Modules 电池充电电流源模 TRANS NPN LO SAT 60V 4.5A TO-92 TRANS PNP LO SAT 60V 5.5A SOT223 47K OHM 1/10W 5% SMT RESISTOR TRANS PNP LO SAT 60V 3.5A TO-92
|
Vicor, Corp. VICOR[Vicor Corporation]
|
DS1339U-33 DS1339U-33_ DS1339 DS1339C-2 DS1339C-2_ |
I2C Serial Real-Time Clock TRANS NPN BIPOL DUAL 160V SOT363 TRANS NPN DARL 40V SMD SOT-23 TRANSISTOR, NPN, SWITCHING , GENERAL PURPOSE, 3-PIN SOT-23 TRANS NPN 160V 350MW SMD SOT-23
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr http://
|
PCA9560D |
PCA9560; Dual 5-bit multiplexed 1-bit latched I²C EEPROM DIP switch
|
Philips
|
74ABT16899 74ABT16899DGG 74ABT16899DL BT16899DGG B |
18-bit latched transceiver with 16-bit parity generator/checker 3-State ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Maxim Integrated Products NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CD4514 CD4514BC CD4514BCN CD4514BCWM CD4515BCN CD4 |
4-Bit Latched/4-to-16 Line Decoders 4-Bit Latched/4-to-16 Line Decoders 4位Latched/4-to-16线解码器
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
2N334 2N335 2N334A 2N335/1299 |
Trans GP BJT NPN 3-Pin TO-5 Trans GP BJT PNP 45V 0.03A 6-Pin LCC-2 Trans GP BJT PNP 40V 0.2A 6-Pin LCC-2
|
New Jersey Semiconductor
|