PART |
Description |
Maker |
WTS701MM WTS701MM/T WTS701EM WTS701MF WTS701EF WTS |
WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
|
Winbond Electronics
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
AD1928 |
2 ADC/8 DAC with PLL, 192 <font style="text-transform: lowercase">kH<font style="text-transform: lowercase">z, 24-Bit Codec
|
Analog Devices
|
W83627HF-PW W83627F W83627HF-AW |
WINBOND I/O WINBOND I/O MULTIFUNCTION PERIPHERAL, PQFP128
|
Winbond Electronics, Corp. Winbond Electronics Corp
|
AD5629R |
Octal, 12-bit, I<sup>2</sup>C Voltage Output <span style="text-transform: lowercase"><i>dense</i></span>DAC with 5 ppm/°C On-Chip Reference
|
Analog Devices
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
W83627HF-AW W83627HF-PW |
WINBOND I/O
|
Winbond Electronics
|
W83977TF-PW W83977TF-A W83977TF-AW |
WINBOND I/O
|
Winbond
|
W83977EF-PW W83977CTF W83977CTF-AW W83977CTF-PW W8 |
WINBOND I/O
|
WINBOND[Winbond]
|
W83877 W83877F |
WINBOND I/O
|
http://
|
ISD2532 ISD2564 ISD2540 ISD2548 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 32 seconds)(单片的录录音重放一片信息存储持续时2秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 64 seconds)(单片的录录音重放一片信息存储持续时4秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 40 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 48 seconds)(单片的录录音重放一片信息存储持续时8秒))
|
Winbond Electronics Corp
|
W83627EHF W83627EHG |
WINBOND LPC I/O
|
Winbond
|