PART |
Description |
Maker |
ZIF100 |
Direct Conversion 4 FSK Data Receiver Direct Conversion 4FSK Data Receiver Target Specification
|
Zarlink Semiconductor Inc.
|
SL6649-1 SL6649-KG SL6649-I SL6649-MPEF SL6649-MPE |
200MHz Direct Conversion Downstream Keying (DSK) Data Receiver 200MHz DIRECT CONVERSION FSK DATA RECEIVER 200MHz的直接转换接收FSK数据
|
Zarlink Semiconductor Inc. Zarlink Semiconductor, Inc.
|
1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC |
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 1345-Type Receiver with Clock Recovery and Data Retiming 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
|
AGERE[Agere Systems]
|
U2538B05 U2538B-MFPG3Y U2538B-MFPY |
IR Receiver for Data Communication
|
ATMEL Corporation
|
TXE-315-KH TXE-433-KH RXD-433-KH RXD-315-KH RXD-41 |
KH SERIES RECEIVER / DECODER DATA
|
List of Unclassifed Manufacturers ETC
|
RXM-315-LR |
LR SERIES RECEIVER MODULE DATA GUIDE
|
List of Unclassifed Man...
|
SL6619TP1N SL6619KG SL6619TP2Q SL6619 SL6619TP1Q S |
Direct Conversion FSK Data Receiver
|
ZARLINK[Zarlink Semiconductor Inc]
|
SL6609AKGNPDE SL6609AKGNPDS SL6609A |
Direct Conversion FSK Data Receiver
|
Mitel Networks Corporation
|
AM79865 |
PHYSICAL DATA TRANSMITTER/PHYSICAL DATA RECEIVER
|
AMD Advanced Micro Devices
|
TC90A60U |
DATA SLICE IC FOR VIDEO MULTIPLEX BRODCAST RECEIVER
|
TOSHIBA
|