PART |
Description |
Maker |
AD9040 AD9040A AD9040A_PWB AD9040AJN AD9040AJR AD9 |
RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Right Angle Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack RoHS Compliant: Yes 10-Bit 40 MSPS A/D Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
73412-0110 |
RF/Coaxial Connector; RF Coax Type:Microaxial RoHS Compliant: Yes BOARD TERMINATED, MALE, RF CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
ZM330-Z ZM200X ZM200-Y ZM200-Z ZM220-Y ZM220-Z ZM2 |
RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:8, 9, 213, 214; Body Material:Brass; Body Plating:Silver; Connector Retention Style:Clamp RoHS Compliant: Yes 1瓦表面贴装稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Jack RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:8, 9, 87A, 144, 165, 213, 214, 216, 225; Body Material:Brass; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Receptacle; Body Material:Brass; Contact Plating:Silver; Series:N; Operating Temperature Range /-:65 C to 165 C; Voltage Rating:1500V RoHS Compliant: Yes N STR JACK,NICKEL PLATE,LMR240 RoHS Compliant: Yes 1WATT SURFACE MOUNT ZENER DIODE
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
R123426003W |
RF/Coaxial Connector; RF Coax Type:QMA; Body Style:Straight Receptacle; Leaded Process Compatible:Yes BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, RECEPTACLE
|
Radiall S.A.
|
R107003010 |
RF/Coaxial Connector; RF Coax Type:Ultraminiature; Body Style:Right Angle; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:UMP RoHS Compliant: Yes BOARD TERMINATED, FEMALE, RF CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Radiall S.A.
|
CA2830C CA2830 |
RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Crimp or Solder; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:9, 9A, 9B, 214 34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
|
Motorola, Inc.
|
PCN10-90S-2.54WA PCN10-90S-2.54WB PCN10-50S-2.54WB |
Product Compliant to DIN41612/IEC603-2 Standard 产品符合标准的DIN41612/IEC603-2 KPT 6C 6#20 PIN PLUG KPT 6C 6#20 SKT PLUG RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:N Jack RoHS Compliant: Yes CAP 220PF 50V CERAMIC MONO 5% Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No KPT 18C 18#20 SKT PLUG RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Panel Flanged Jack; Series:SMA RoHS Compliant: Yes
|
http:// HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC.
|
BYW52 BYW53 BYW56 BYW55 BYW54 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 硅梅萨整流器 Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid RoHS Compliant: Yes 硅梅萨整流器 Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor From old datasheet system Silicon Mesa Rectifiers
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken
|
CAT5409YI-50-TE13 CAT5409 CAT5409BI-00-TE13 CAT540 |
Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface 四数字可编程电位计(DPPTM)与64个龙头和2线接 QUAD 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 Sealed Modular Connector; Body Material:Metal; Connector Shell Back Termination:Female RJ45; Connector Shell Finish:Nickel; Modular Connector Shell Style:Sealed Jam Nut Receptacle; MIL SPEC:MIL-DTL-38999 Series III RF/Coaxial Connector; RF Coax Type:UHF; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:8, 9, 87A, 213, 214, 225; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:C; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:8, 9, 87A, 214, 313, 225; Approval Categories:UG-573A RoHS Compliant: Yes 64-Tap Quad DPP, 2-wire Interface
|
http:// Rectron Semiconductor CATALYST[Catalyst Semiconductor]
|
MDF150A30 MDR150A30 MDR150A50 MDF150A40 MDF150A50 |
RF/Coaxial Connector; RF Coax Type:QMA; Impedance:50ohm; Body Style:Straight Jack; Body Material:Brass; Body Plating:Gold/Nickel; Connector Mounting:PC Board; Contact Material:Beryllium Copper; Contact Plating:Gold Over Nickel RoHS Compliant: Yes DIODE(NON-ISOLATED TYPE) Diode with flat mounting base which is designed for use in various rectifier applications, 150A, 500V
|
SANREX[SanRex Corporation]
|
FI-JH |
Fine Coax Wire Connector
|
JAE
|
R141277000 R141082000 |
The BNC connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement. INTRODUCTION
|
List of Unclassifed Manufacturers
|
|