PART |
Description |
Maker |
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
LT1638 LT1638CMS8 LT1638CN8 LT1638CS8 LT1638IN8 LT |
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDSO8 1.2MHz/ 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
ACPL-P340-560E ACPL-W340-560E ACPL-P340-060E ACPL- |
1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
OA2NP34S OA4NP OA1NP OA1NP22C OA4NP33Q |
Rail-to-rail input and output Low power, rail-to-rail input and output, CMOS single op amp Low power, rail-to-rail input and output, CMOS quad op amp Low power, rail-to-rail input and output, CMOS dual op amp
|
STMicroelectronics ST Microelectronics
|
LT6005CGNPBF LT6004IDDTRPBF LT6003CDC-TRMPBF LT600 |
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 1500 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO8 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1050 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO16
|
Linear Dimensions Semiconductor Linear Technology, Corp.
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|
LT6234 LT6235 LT6233 LT6233IS6-10 LT6235CGN LT6233 |
60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.15mA Op Amp Family 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family OP-AMP, 700 uV OFFSET-MAX, 375 MHz BAND WIDTH, PDSO6 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family DUAL OP-AMP, 550 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO8 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family QUAD OP-AMP, 450 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MAX5712 MAX5712EUT MAX5712AUT |
12-Bit / Low-Power / Rail-to-Rail Voltage-Output Serial DAC in SOT23 From old datasheet system Digital to Analog Converter - Datasheet Reference 12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23 12-Bit Low-Power Rail-to-Rail Voltage-Output Serial DAC in SOT23 "12-Bit, Low-Power, Rail-to-Rail Voltage- Output Serial DAC in SOT23"
|
Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
|