PART |
Description |
Maker |
TMP36GS-REEL TMP36GS-REEL7 TMP37GS-REEL TMP35GS-RE |
Voltage Output Temperature Sensors Low Voltage Temperature Sensor Vo=500
|
Analog Devices
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
FM50S3XNL FM50_04 FM50 FM50S3X FM5004 |
Analog Temperature Sensor Low-Voltage Positive Slope with Offset Analog Temp Sensor for LM50 applications
|
FAIRCHILD[Fairchild Semiconductor]
|
ASC7531A ASC7531B |
(ASC7531A/B) LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
|
Andigilog
|
ATS20 |
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
|
Andiglog
|
FM50 |
Low Voltage SOT-23 Temperature Sensor
|
Fairchild Semiconductor
|
FM7506 |
Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
|
Fairchild Semiconductor
|
ATS51 ATS51S3 |
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
|
Electronic Theatre Controls, Inc.
|
6240-99-995-1170 6240-99-995-1183 6240-99-995-1232 |
LAMP BA9S 6.5V 2W LAMP MES 24V 2.8W Precision, Low-Power, 6-Pin SOT23 Temperature Sensors and Voltage References LAMP BA9S 24V 2.9W 灯BA9S 24V2.9W FILAMENT LAMP 12V 183MA 白炽2V83MA High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package 灯MES4V的为1.2W CMOS Monolithic Voltage Converter 12V.2W的灯BA9S CMOS Monolithic Voltage Converter MES.5VW的灯
|
Electronic Theatre Controls, Inc. Dialight PLC Molex, Inc. ITT, Corp.
|
ADM1021A ADM1021AARQ |
The ADM1021 has been replaced by the ADM1021A Remote Temperature Sensor with Serial Interface Low-Cost Microprocessor System Temperature Monitor
|
Analog Devices
|
K11044 K11044-44C K11044TL TK11044M-1 |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 820uF; Voltage: 25V; Case Size: 12.5x20 mm; Packaging: Bulk TEMPERATURE SENSOR IC
|
TOKO Inc. TOKO Inc TOKO[TOKO, Inc]
|
ADT7483AARQZ-REEL ADT7483AARQZ-REEL7 ADT7483AARQZ |
Dual Channel Temperature Sensor and Over Temperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|