PART |
Description |
Maker |
OP705D OP705A OP705B OP705C |
NPN Pho to tran sistor with Base-Emit ter Resistor
|
OPTEK[OPTEK Technologies]
|
NESG3031M14NBSP NESG3031M14-T3 NESG3031M14 |
From old datasheet system NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC[NEC]
|
2N6576 2N6578 2N6577 |
15 AMPERE NPN DARLINGTON POWER TRAN 15-Ampere NPN Darlington Power Transistors
|
GE Security, Inc. GE[General Semiconductor] List of Unclassifed Manufacturers
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
MJL3281A MJL1302A |
Complementary NPN-PNP Silicon Power Bipolar Transistor Power 15A 200V PNP
|
ON Semiconductor
|
TIP32 TIP32B TIP32C TIP32A |
3 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations Limited POINN[Power Innovations Ltd]
|
FZT558 |
0.2 A, 400 V, PNP, Si, POWER TRANSISTOR SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
MMDJ3P03BJT |
DUAL BIPOLAR POWER TRANSISTOR PNP SILICON 30 VOLTS 3 AMPERES 3 A, 30 V, 2 CHANNEL, PNP, Si, POWER TRANSISTOR, SO-8
|
Motorola Mobility Holdings, Inc.
|
ZX5T951Z ZX5T951ZTA |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 4.3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2STN254008 2STN2540 |
5 A, 40 V, PNP, Si, POWER TRANSISTOR Low voltage fast-switching PNP power bipolar transistor
|
STMicroelectronics
|