PART |
Description |
Maker |
STD3NK90Z STD3NK90ZFP 9193 STP3NK90ZFP STD3NK90Z-1 |
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 4.1ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL Power MOSFET From old datasheet system N-CHANNEL 900V 4.1 OHM 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V 4.1 OHM 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB6LNC60 |
N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh⑩II MOSFET N沟道600V 1ohm - 5.8A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMeshII MOSFET N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FQAF11N90C |
900V N-Channel Advance Q-FET C-series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF6N90C FQP6N90C |
900V N-Channel Advance Q-FET C-Series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STB7NC70Z STB7NC70Z-1 STP7NC70ZFP STP7NC70Z STB7NC |
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道高达700V - 1.1ohm - 6ATO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL MOSFET N-CHANNEL 700V - 1.1 OHM - 6A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STU8NB90 6380 |
N-CHANNEL 900V - 0.7 Ohm - 8.9A - Max220 PowerMESH MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 900V - 0.7 - 8.9A - Max220 PowerMESH TM MOSFET N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MTP3055E 3036 MTP3055 |
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET -通道60V 0.1ohm - 12A条,220 STripFET MOSFET N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET N - CHANNEL 60V - 0.1 - 12A TO-220 STripFET TM MOSFET From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFBF30 |
900V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A) Power MOSFET(Vdss=900V/ Rds(on)=3.7ohm/ Id=3.6A)
|
International Rectifier
|
STP8NK85Z STF8NK85Z |
N-CHANNEL 850V -1.1OHM - 6.7A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STF9NK90Z STP9NK90Z STW9NK90Z ST_STP9NK90Z STF9NK9 |
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 900V 1.1 OHM 8A TO-220 TO-220FP TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESHPower MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|